PART |
Description |
Maker |
CY7C1380C-200AC CY7C1380C-200BGC CY7C1380C-167AC C |
Memory : Sync SRAMs PUSHBUTTON, METAL, FLAT, 22MM 5A; Switch function type:NC/NO Mom; Voltage, contact AC max:250V; Temp, op. max:55(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:22.2mm; Length / Height, external:32mm; Dielectric RoHS Compliant: Yes 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3.4 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
AS5C4008F-35 AS5C4008F-35_H AS5C4008F-35_LH AS5C40 |
512K x 8 SRAM SRAM MEMORY ARRAY 512K X 8 STANDARD SRAM, 20 ns, CDSO32 CERAMIC, LCC-32 512K X 8 STANDARD SRAM, 17 ns, CDFP32 CERAMIC, DFP-32 512K X 8 STANDARD SRAM, 35 ns, CDFP32 CERAMIC, DFP-32 512K X 8 STANDARD SRAM, 15 ns, CDFP32 CERAMIC, DFP-32 512K X 8 STANDARD SRAM, 12 ns, CDIP32 512K X 8 STANDARD SRAM, 25 ns, CQCC32 512K X 8 STANDARD SRAM, CDSO32 512K X 8 STANDARD SRAM, 15 ns, CDSO32 512K X 8 STANDARD SRAM, 12 ns, CDFP32
|
Austin Semiconductor, Inc Micross Components AUSTIN SEMICONDUCTOR INC
|
EM565168 EM565168BC-55_55G EM565168BC-70_70G EM565 |
512K x 16 Pseudo SRAM
|
http:// Etron Technology, Inc.
|
GS88018BT-133 GS88018BT-133I GS88018BT-150 GS88018 |
133MHz 8.5ns 512K x 18 9Mb sync burst SRAM 150MHz 7.5ns 512K x 18 9Mb sync burst SRAM 166MHz 7ns 512K x 18 9Mb sync burst SRAM 200MHz 6.5ns 512K x 18 9Mb sync burst SRAM 225MHz 6ns 512K x 18 9Mb sync burst SRAM 250MHz 5.5ns 512K x 18 9Mb sync burst SRAM
|
GSI Technology
|
AT60142E-DC15SMV AT60142E-DC15SSB AT60142E-DC20M A |
IND 3.3UH 0.2UH THIN-FILM SMD-0805 TR-7 NI/SN-PB RF SWITCH Rad Hard 512K x 8 Very Low Power CMOS SRAM 512K X 8 STANDARD SRAM, 15 ns, DFP36 Rad Hard 512K x 8 Very Low Power CMOS SRAM 512K X 8 STANDARD SRAM, 20 ns, DFP36
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
IS61LV5128-10 IS61LV5128-10B IS61LV5128-10BI IS61L |
IC,SRAM,512KX8,CMOS,TSOP,44PIN,PLASTIC 512K x 8 HIGH-SPEED CMOS STATIC RAM 512K X 8 STANDARD SRAM, 15 ns, PDSO44 512K x 8 HIGH-SPEED CMOS STATIC RAM 512K X 8 STANDARD SRAM, 15 ns, PBGA36 512K x 8 HIGH-SPEED CMOS STATIC RAM 512K X 8 STANDARD SRAM, 15 ns, PDSO36 512K x 8 HIGH-SPEED CMOS STATIC RAM 512K X 8 STANDARD SRAM, 10 ns, PBGA36 512K x 8 HIGH-SPEED CMOS STATIC RAM 512K X 8 STANDARD SRAM, 10 ns, PDSO36
|
ISSI[Integrated Silicon Solution, Inc] ISSI [Integrated Silicon Solution, Inc] ISSI[Integrated Silicon Solution Inc] Integrated Silicon Solution Inc Integrated Silicon Solution, Inc.
|
CY7C1382CV25 CY7C1382CV25-167AC CY7C1382CV25-167AI |
512K x 36/1M x 18 Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PBGA119 18-Mbit (512K x 36/1M x 18) Pipelined SRAM
|
Cypress Semiconductor, Corp.
|
AS8S512K32AP-45/IT AS8S512K32Q-45LIT AS8S512K32P-4 |
512K X 32 MULTI DEVICE SRAM MODULE, 45 ns, PGA66 512K x 32 SRAM memory array
|
AUSTIN SEMICONDUCTOR INC
|
AS7C25512NTF32_36A AS7C25512NTF36A-10TQC AS7C25512 |
2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD 512K X 32 ZBT SRAM, 8.5 ns, PQFP100 2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD 512K X 32 ZBT SRAM, 7.5 ns, PQFP100 2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD 512K X 32 ZBT SRAM, 10 ns, PQFP100 DIODE ZENER SINGLE 1000mW 51Vz 5mA-Izt 0.05 5uA-Ir 38.8Vr DO41-GLASS 5K/AMMO DIODE, ZENER, 24V, 5%, 1W& DIODE ZENER SINGLE 1000mW 33Vz 7.5mA-Izt 0.05 5uA-Ir 25.1Vr DO41-GLASS 5K/REEL NTD? Sync SRAM - 2.5V
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC
|
89LV1632RPQK-30 |
16 Megabit (512K x 32-Bit) Low Voltage MCM SRAM 512K X 32 MULTI DEVICE SRAM MODULE, 30 ns, CQFP68 16 Megabit (512K x 32-Bit) Low Voltage MCM SRAM 16兆位12k × 32的位)低压亿立方米的SRAM
|
Maxwell Technologies, Inc
|
|